Part Number Hot Search : 
3240E L6416 74LS244D 7MDT1 KST92 SMBJ45 04741 HBS602
Product Description
Full Text Search
 

To Download SB2030CT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SB2020CT thru SB20150CT
SCHOTTKY BARRIER RECTIFIER
VOLTAGE - 20 TO 150 VOLTS CURRENT - 20 AMPERES
TO-220AB
FEATURES
Plastic Package has Underwriters Laboratory Flammability Classification 94-0 utilizing Flame Retardant Epoxy Molding Compound Exceeds environmental standards of MIL-S-19500/228 Low power loss, gigh efficiency Low Forward Voltage, high Current Capability High surge Capability For use low Voltage, high frequency inverters, free wheeling, and polarity protection applications High temperature soldering 260oC/10seconds at terminals Pb free product are available 99% Sn above can meet RoHS environment substance directive request
MECHANICAL DATA
Case TO220AB Molded plastic Terminals Lead solderable per MIL-STD-202, Method 208 Polarity As Marked on Body Mounting Position Any Weight 0.08ounces, 2.24gram
MAXIMUM RATIXGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25oC ambient temperature unless otherwise specified Single phase, half wave, 60Hz, resistive or inductive load For capacitive load, derate current by 20%
PARAMETER Maximum Repetitive Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current at TC=900C Peak Forward Surge Current 8.3ms Single Half Sine-Wave Superimposed on Rated Load (JEDEC Method) Maximum Forward Voltage at 10A per element Maximum DC Reverse Current at Rated TC=25 C DC Blocking Voltage TC=1000C Typical Junction Resistance Note R
JA
0
SB 2020CT
SB 2030CT
SB 2040CT
SB 2050CT
SB 2060CT
SB 2080CT
SB 20100CT
SB 20150CT
UNITS
Volts Volts Volts Amps
20 14 20
30 21 30
40 28 40
50 35 50 20 200
60 42 60
80 56 80
100 70 100
150 105 150
150 0.75 0.85 0.92 0.1 7 100
Amps Volts mA
0
0.55 0.5 100
C/W
0
Operating and Storage Temperature Range NOTE: 1. Thermal Resistance Junction to Ambient
-55 to +150
C
www.paceleader.tw
1
SB2020CT thru SB20150CT
SCHOTTKY BARRIER RECTIFIER
RATINGS AND CHARACTERISTIC CURVES SB2020CT THRU SB20150CT
www.paceleader.tw
2


▲Up To Search▲   

 
Price & Availability of SB2030CT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X